PART |
Description |
Maker |
AT90SC19236R AT90SC19236RT |
Low-power, High performance 8-bit/16-bit secure microcontroller with 192K Byte ROM, 36K Byte EEPROM programmable internal oscillator. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out High-performance, Low-power secureAVR?Enhanced RISC architecture. SECURE MICROCONTROLLER FOR SMART CARDS
|
ATMEL Corporation
|
MN1554 MN1552 MN1500 MN1550 MN1551 |
(MN1550 Series) High Performance Low Power CMOS 4 Bit Single Chip Microcontroller High-Performance Low Power CMOS 4-Bit Single-Chip Microcomputer
|
Panasonic Semiconductor
|
AT90SC25672R AT90SC25672RT AT90SC320856 AT90SC3208 |
Low-power, High performance 8-bit/16-bit secure microcontroller with 256K Byte ROM, 72K Byte EEPROM. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out of bounds" detectors, side channe Low-power, high-performance, 8-bit/16-bit secure microcontroller with 32K Byte ROM, 8K Byte FLASH and 56K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 32K Byte FLASH and 32K Byte EEPROM. Low-power, High performance 8-bit/16-bit secure microcontroller with 48K Byte ROM, 2K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM. Low-power, High Performance 8-bit/16-bit secure microcontroller with 64K Byte ROM, 4K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 8K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 64K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 32K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 96K Byte ROM and 16K Byte EEPROM.
|
Atmel
|
V53C104B V53C104BK70 V53C104BK70L V53C104BK80 V53C |
HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM High Performance / Low Power 256k x 4 Bit / Fast Page Mode CMOS DRAM
|
MOSEL[Mosel Vitelic, Corp]
|
CS5372-BSZ CS537105 CS5371-BSZ CS5371-05 |
Low-power, High-performance 楼?楼? Modulators Low-power, High-performance ?危 Modulators Low-power, High-performance ΔΣ Modulators
|
Cirrus Logic http://
|
SA604AD01 |
High performance low power FM IF system
|
NXP Semiconductors
|
NA-812B |
Ultra low power and high performance
|
Axiomtek Co., Ltd.
|
EP7312-IV-C EP7311-IV-C EP7311-EB-C EP7311-IB-C EP |
GT 3C 3#16S PIN PLUG 高性能,低功率系统,片上内存和增强的数字音频接 HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE 32-BIT, 74 MHz, RISC MICROCONTROLLER, PQFP208 HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE 高性能,低功率系统,片上内存和增强的数字音频接
|
Cirrus Logic, Inc.
|
EM78P156EHAS EM78P156EHM EM78P156EHP EM78P156EHKM |
8-bit microprocessor with low-power and high-speed CMOS technology High-Performance, Single-Ended, Current-Mode PWM Controllers
|
ELAN Microelctronics Corp .
|
NCP1230AP100 |
Low-Standby Power High Performance PWM
|
ON Semiconductor
|
|